Part Number Hot Search : 
UNR911D D2498 SDM9435 Z100LV 395DPA X84C3 61SPB045 TA123
Product Description
Full Text Search
 

To Download DG2736DN-T1-E4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DG2735/DG2736
Vishay Siliconix
Low Voltage, 0.6 , Dual SPDT Analog Switch
DESCRIPTION
The DG2735/2736 are low voltage, low on-resistance, dual single-pole/double-throw (SPDT) monolithic CMOS analog switches designed for high performance switching of analog signals. Combining low-power, high speed, low on-resistance, and small package size, the DG2735/2736 are ideal for portable and battery power applications. The DG2735/2736 have an operation range from 1.65 V to 4.3 V single supply. The DG2735 has two separate control pins with for the separated two SPDT switched. The DG2736 has an EN pin. All switches are at high impedance mode when the EN is high. The DG2735/2736 are guaranteed 1.65 V logic compatible, allowing the easy interface with low voltage DSP or MCU control logic and ideal for one cell Li-ion battery direct power. The switch conducts signals within power rails equally well in both directions when on, and blocks up to the power supply level when off. Break-before-make is guaranteed. The DG2735/2736 are built on Vishay Siliconix's sub micron CMOS low voltage process technology and provides greater than 300 mA latch-up protection, as tested per JESD78. As a committed partner to the community and the environment, Vishay Siliconix manufactures this product with lead (Pb)-free device terminations. DG2735/2736 are offered in a miniQFN package. The miniQFN package has a nickel-palladium-gold device termination and is represented by the lead (Pb)-free "-E4" suffix. The nickel-palladium-gold device terminations meet all JEDEC standards for reflow and MSL ratings.
FEATURES
* * * * Low Voltage Operation (1.65 V to 4.3 V) Low On-Resistance - rON: 0.6 at 2.7 V Fast Switching: TON = 55 ns at 2.7 V TOFF = 40 ns at 2.7 V * Latch-Up Current > 300 mA (JESD78)
RoHS
COMPLIANT
BENEFITS
* * * * Reduced Power Consumption High Accuracy Reduce Board Space TTL/1.65 V Logic Compatible
APPLICATIONS
* * * * * * Cellular Phones Speaker Headset Switching Audio and Video Signal Routing PCMCIA Cards Battery Operated Systems Portable media player Handheld test instruments
FUNCTIONAL BLOCK DIAGRAM AND PIN CONFIGURATION
DG2735 miniQFN-10L
GND NC2
DG2736 miniQFN-10L
NC2 GND 6 5 4 3 1 V+ Pin 1: LONG LEAD Device Marking: Ax for DG2735 Device Marking: Bx for DG2736 x = Date/Lot Traceability Code 2 NO1 NC1 IN1 COM1
7 IN2 COM2 NO2 8 9 10 1 V+ Pin 1: LONG LEAD
6 5 4 3 2 NO1 NC1 IN1 COM1 EN COM2 NO2 8 9 10
7
(Top View)
(Top View) Bx Pin 1
Ax Pin 1
or
Note: Pin 1 has long lead
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
www.vishay.com 1
DG2735/DG2736
Vishay Siliconix
TRUTH TABLE
Logic 0 1 0 1 EN (DG2736 only) 1 1 0 0 NC1, 2 OFF OFF ON OFF NO1, 2 OFF OFF OFF ON
ORDERING INFORMATION
Temp Range - 40 to 85C Package miniQFN10 Part Number DG2735DN-T1-E4 DG2736DN-T1-E4
ABSOLUTE MAXIMUM RATINGS TA = 25 C, unless otherwise noted
Symbol Limit Unit V+ - 0.3 to 5.0 Reference to GND V - 0.3 to (V+ + 0.3) IN, COM, NC, NOa Current (Any terminal except NO, NC or COM) 30 mA Continuous Current (NO, NC, or COM) 250 Peak Current (Pulsed at 1 ms, 10 % duty cycle) 500 Storage Temperature (D Suffix) - 65 to 150 C Power Dissipation (Packages)b miniQFN10c 208 mW Notes: a. Signals on NC, NO, or COM or IN exceeding V+ will be clamped by internal diodes. Limit forward diode current to maximum current ratings. b. All leads welded or soldered to PC Board. c. Derate 4.0 mW/C above 70 C. Parameter
www.vishay.com 2
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
DG2735/DG2736
Vishay Siliconix
SPECIFICATIONS (V+ = 3 V)
Test Conditions Unless Otherwise Specified V+ = 3 V, 10 %,VIN = 0.4 V or 1.65 Ve rDS(on) V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.5 V V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V On-Resistance rDS(on) V+ = 2.7 V, INO/NC = 100 mA, VCOM = 1.5 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 0.9 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 2.5 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 0.9 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 2.5 V rON Match
d
Limits - 40 to 85 C Tempa Full Room Full Room Full Minb 0 0.5 0.5 0.4 0.3 0.5 0.5 Typc Maxb V+ 0.6 Unit V
Parameter Analog Switch Analog Signal Ranged
Symbol Vanalog
rON
V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V, 1.5 V V+ = 4.3 V, INO/NC = 100 mA, VCOM = 0.9 V, 2.5 V V+ = 2.7 V, INO/NC = 100 mA, VCOM = 0.5 V, 1.5 V V+ = 4.3 V, VNO/NC = 0.3 V/4.0 V, VCOM = 4.0 V/0.3 V
Room
0.06
0.08
rON resistance flatnessd
rON flatness INO/NC(off) ICOM(off) ICOM(on)
Room Room Full Room Full Room Full Full Full Full 6 -1 1 5 50 35 50 35 - 70 - 70 50 55 55 130 130 -2 - 10 -2 - 10 -5 - 20 1.65
0.15 2 10 2 10 5 20 nA
Switch Off Leakage Current Channel-On Leakage Current Digital Control Input High Voltage Input Low Voltage Input Capacitance Input Current Dynamic Characteristics Break-Before-Make Timee Turn-On Time
e
V+ = 4.3 V, VNO/NC = VCOM = 4.0 V/0.3 V
VINH VINL CIN IINL or IINH tBBM tON tOFF tON(EN) tOFF(EN) OIRR XTALK
d
0.4 1
V pF A
VIN = 0 or V+
Full Room Room Full Room Full Room Full Room Full
78 80 58 60 78 80 58 60 dB MHz ns
Turn-Off Timee Enable Turn-On Timee DG2736 (EN) Enable Turn-Off Timee DG2736 (EN) Off-Isolationd Crosstalkd 3dB bandwithd NO, NC Off Capacitance
V+ = 3.6 V, VNO, VNC = 1.5 V, RL = 50 , CL = 35 pF
RL = 50 , CL = 5 pF, f = 100 kHz RL = 50 , CL = 5 pF
Room Room
CNO(off) CNC(off) CNO(on) CNC(on) VIN = 0 V, or V+, f = 1 MHz Room
pF
Channel On Capacitance
d
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
www.vishay.com 3
DG2735/DG2736
Vishay Siliconix
SPECIFICATIONS (V+ = 3 V)
Test Conditions Unless Otherwise Specified V+ = 3 V, 10 %,VIN = 0.4 V or 1.65 Ve Limits - 40 to 85 C Tempa Minb 1.65 VIN = 0 or V+ Full Typc Maxb 4.3 1.0 Unit V A
Parameter Power Supply Power Supply Range Power Supply Current
Symbol V+ I+
Notes: a. Room = 25 C, Full = as determined by the operating suffix. b. The algebraic convention whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet. c. Typical values are for design aid only, not guaranteed nor subject to production testing. d. Guarantee by design, not subjected to production test. e. VIN = input voltage to perform proper function.
Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
www.vishay.com 4
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
DG2735/DG2736
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
2.4 2.2 2.0 r ON - On-Resistance () 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 VCOM - Analog Voltage (V) V+ = 4.3 V V+ = 2.7 V V+ = 3.0 V V+ = 3.6 V V+ = 1.8 V V+ = 1.5 V TA = 25 C INO/NC = 100 mA r ON - On-Resistance () 0.6 + 85 C 0.5
0.4 + 25 C 0.3 - 40 C 0.2
0.1
V+ = 2.7 V, IS = 100 mA NO
0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 VCOM - Analog Voltage (V)
rON vs. VCOM and Supply Voltage
0.6 + 85 C 0.5 r ON - On-Resistance () r ON - On-Resistance () + 25 C 0.4 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 0.5 1 1.5 2 2.5 3 0.0
rON vs. Analog Voltage and Temperature
0.3 - 40 C 0.2 V+ = 2.7 V, IS = 100 mA NC
+ 85 C
+ 25 C V+ = 4.3 V, IS = 100 mA NO 0.5 1.0 1.5 2.0 - 40 C
0.1
0.0 VCOM - Analog Voltage (V)
2.5
3.0
3.5
4.0
4.5
VCOM - Analog Voltage (V)
rON vs. Analog Voltage and Temperature
1.0 0.9 0.8 r ON - On-Resistance () 0.7 0.6 0.5 + 85 C 0.4 0.3 0.2 0.1 0.0 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 VCOM - Analog Voltage (V) V+ = 4.3 V, IS = 100 mA NC 1 - 60 - 40 C + 25 C I+ - Supply Current (pA) 10000 100000
rON vs. Analog Voltage and Temperature
V+ = 4.3 V
1000
100
10
- 40
- 20
0 20 40 Temperature (C)
60
80
100
rON vs. Analog Voltage and Temperature Document Number: 74420 S-70327-Rev. B, 26-Feb-07
Supply Current vs. Temperature
www.vishay.com 5
DG2735/DG2736
Vishay Siliconix
TYPICAL CHARACTERISTICS TA = 25 C, unless otherwise noted
100000 V+ = 4.3 V 10000 Leakage Current (pA) tON, t OFF - Switching Time (ns) 20 25 t ON V+ = 2.7 V
1000 ICOM(on) ICOM(off) 100 INC(off)
15 t ON V+ = 4.3 V 10 t OFF V+ = 4.3 V
10
5
t OFF V+ = 2.7 V
1 - 60
- 40
- 20
0
20
40
60
80
100
0 - 60
- 40
- 20
0
20
40
60
80
100
Temperature (C)
Temperature (C)
Leakage Current vs. Temperature
5 4 3 2 1 0 -1 -2 -3 -4 -5 0.0
Switching Time vs. Temperature
10
LOSS
0 - 10
ICOM(on)
LOSS, OIRR, XTALK (dB)
Leakage Current (pA)
- 20 - 30
OIRR
- 40 - 50 - 60 - 70
XTALK
ICOM(off)
INO(off)
DG2735/36 V+ = 3.0 V R L = 50
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
- 80
300 K
1 MHz
10 MHz Frequency (Hz)
100 MHz
1 GHz
VCOM, VNO, VNC - Analog Voltage (V)
Leakage vs. Analog Voltage
Insertion Loss, Off-Isolation Crosstalk vs. Frequency
2.0
VT - Switching Threshold (V)
1.5
1.0
0.5
0.0 1.0 1.5 2.0 2.5 3.0 3.5 4.0
V+ - Supply Voltage (V)
Switching Threshold vs. Supply Voltage www.vishay.com 6 Document Number: 74420 S-70327-Rev. B, 26-Feb-07
DG2735/DG2736
Vishay Siliconix
TEST CIRCUITS
V+ Logic Input V+ Switch Input Logic Input NO or NC IN GND 0V CL (includes fixture and stray capacitance) VOUT = VCOM Logic "1" = Switch On Logic input waveforms inverted for switches that have the opposite logic sense. RL 50 CL 35 pF COM Switch Output VOUT 0.9 x V OUT Switch Output 0V tON tOFF
VINH 50 % VINL
tr < 5 ns tf < 5 ns
(R L
RL +R
ON
)
Figure 1. Switching Time
V+ Logic Input COM VO RL 50 CL 35 pF VINH VINL tr < 5 ns tf < 5 ns
V+ VNO VNC NO NC IN GND
VNC = V NO VO Switch 0V Output
90 %
tD
tD
CL (includes fixture and stray capacitance)
Figure 2. Break-Before-Make Interval
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
www.vishay.com 7
DG2735/DG2736
Vishay Siliconix
TEST CIRCUITS
V+
Rgen +
V+ NC or NO IN COM VOUT VOUT IN CL = 1 nF GND On
VOUT
Vgen
VIN = 0 - V+
Off Q = VOUT x CL
On
IN depends on switch configuration: input polarity determined by sense of switch.
Figure 3. Charge Injection
V+ 10 nF
V+ 10 nF
V+ NC or NO IN 0 V, 2.4 V
V+ COM Meter
COM
COM
IN 0 V, 2.4 V
RL
GND
NC or NO GND
HP4192A Impedance Analyzer or Equivalent f = 1 MHz
Analyzer
Off Isolation = 20 log V NO / NC
VCOM
Figure 4. Off-Isolation
Figure 5. Channel Off/On Capacitance
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?74420.
www.vishay.com 8
Document Number: 74420 S-70327-Rev. B, 26-Feb-07
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of DG2736DN-T1-E4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X